Part Number Hot Search : 
MSKW2035 324989 78L05 0123BP PCF21XXC ECG2328 LXT400 ICS92
Product Description
Full Text Search
 

To Download CY7C1386C-167BZI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18-mb (512k x 36/1m x 18) pipelined dcd sync sram cy7c1386c cy7c1387c cypress semiconductor corporation ? 3901 north first street ? san jose , ca 95134 ? 408-943-2600 document #: 38-05239 rev. *b revised february 26, 2004 features ? supports bus operation up to 250 mhz ? available speed grades are 250, 225, 200 and 167 mhz ? registered inputs and outputs for pipelined operation ? optimal for performance (double-cycle deselect) ? depth expansion without wait state ? 3.3v ?5% and +10% core power supply (v dd ) ? 2.5v / 3.3v i/o operation ? fast clock-to-output times ? 2.6 ns (for 250-mhz device) ? 2.8 ns (for 225-mhz device) ? 3.0 ns (for 200-mhz device) ? 3.4 ns (for 167-mhz device) ? provide high-performance 3-1-1-1 access rate ? user-selectable burst counter supporting intel ? pentium interleaved or linear burst sequences ? separate processor and controller address strobes ? synchronous self-timed writes ? asynchronous output enable ? offered in jedec-standard 100-pin tqfp, 119-ball bga and 165-ball fbga packages ? ieee 1149.1 jtag-compatible boundary scan ? ?zz? sleep mode option functional description [1] the cy7c1386c/cy7c1387c sram integrates 524,288 x 36 and 1048,576 x 18 sram cells with advanced synchronous peripheral circuitry and a two-bit counter for internal burst operation. all synchronous inputs are gated by registers controlled by a positive-edge-triggered clock input (clk). the synchronous inputs include all addresses, all data inputs, address-pipelining chip enable ( ce 1 ), depth-expansion chip enables (ce 2 and ce 3 [2] ), burst control inputs ( adsc , adsp , and adv ), write enables ( bw x , and bwe ), and global write ( gw ). asynchronous inputs include the output enable ( oe ) and the zz pin. addresses and chip enables are registered at rising edge of clock when either address strobe processor ( adsp ) or address strobe controller ( adsc ) are active. subsequent burst addresses can be internally generated as controlled by the advance pin ( adv ). address, data inputs, and write co ntrols are registered on-chip to initiate a self-timed write cycl e.this part supports byte write operations (see pin descriptions and truth table for further details). write cycles can be one to four bytes wide as controlled by the byte write control inputs. gw active low causes all bytes to be written. this device incorporates an additional pipelined enable register which delays turning off the output buffers an additional cycle when a deselect is executed.this feature allows depth expansion without penal- izing system performance. the cy7c1386c/cy7c1387c operates from a +3.3v core power supply while all outputs operate with a +3.3v or a +2.5v supply. all inputs and outputs are jedec-standard jesd8-5-compatible. selection guide 250 mhz 225 mhz 200 mhz 167 mhz unit maximum access time 2.6 2.8 3.0 3.4 ns maximum operating current 350 325 300 275 ma maximum cmos standby current 70 70 70 70 ma shaded areas contain advance information. please contact your local cypress sales repr esentative for availability of these parts. notes: 1. for best?practices recommendations, please refer to the cypress application note system design guidelines on www.cypress.com. 2. ce 3 and ce 2 are for tqfp and 165 fbga package only. 119 bga is offered only in single chip enable.
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 2 of 34 1 2 address register adv clk burst counter and logic clr q1 q0 adsp adsc mode bw d bw c bw b bw a bwe gw ce 1 ce 2 ce 3 oe dq d, dqp d byte write register dq c ,dqp c byte write register dq b ,dqp b byte write register dq a, dqp a byte write register enable register pipelined enable output registers sense amps memory array output buffers dq a, dqp a byte write driver dq b ,dqp b byte write driver dq c ,dqp c byte write driver dq d, dqp d byte write driver input registers a 0,a1,a a[1:0] sleep control zz e 2 dqs dqp a dqp b dqp c dqp d logic block diagram ? cy7c1386c (512k x 36) address register adv clk burst counter and logic clr q1 q0 adsc bw b bw a ce 1 dq b, dqp b byte write register dq a , dqp a byte write register enable register oe sense amps memory array adsp 2 a [1:0] mode ce 2 ce 3 gw bwe pipelined enable dq s, dqp a dqp b output registers input registers e output buffers dq b , dqp b byte write driver dq a, dqp a byte write driver sleep control zz a 0, a1, a logic block diagram ? cy7c1387c (1m x 18)
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 3 of 34 pin configurations a a a a a 1 a 0 nc / 72m nc / 36m v ss v dd a a a a a a a a dqp b dq b dq b v ddq v ssq dq b dq b dq b dq b v ssq v ddq dq b dq b v ss nc v dd zz dq a dq a v ddq v ssq dq a dq a dq a dq a v ssq v ddq dq a dq a dqp a dqp c dq c dq c v ddq v ssq dq c dq c dq c dq c v ssq v ddq dq c dq c v dd nc v ss dq d dq d v ddq v ssq dq d dq d dq d dq d v ssq v ddq dq d dq d dqp d a a ce 1 ce 2 bw d bw c bw b bw a ce 3 v dd v ss clk gw bwe oe adsc adsp adv a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 mode cy7c1386c (512k x 36) nc a a a a a 1 a 0 nc / 72m nc / 36m v ss v dd a a a a a a a a a nc nc v ddq v ssq nc dqp a dq a dq a v ssq v ddq dq a dq a v ss nc v dd zz dq a dq a v ddq v ssq dq a dq a nc nc v ssq v ddq nc nc nc nc nc nc v ddq v ssq nc nc dq b dq b v ssq v ddq dq b dq b v dd nc v ss dq b dq b v ddq v ssq dq b dq b dqp b nc v ssq v ddq nc nc nc a a ce 1 ce 2 nc nc bw b bw a ce 3 v dd v ss clk gw bwe oe adsc adsp adv a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 mode cy7c1387c (1m x 18) nc 100-pin tqfp pinout (3 chip enables) a a
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 4 of 34 pin configurations (continued) 234567 1 a b c d e f g h j k l m n p r t u v ddq nc nc dqp c dq c dq d dq c dq d aa aa adsp v ddq a dq c v ddq dq c v ddq v ddq v ddq dq d dq d nc nc v ddq v dd clk v dd v ss v ss v ss v ss v ss v ss v ss v ss nc nc nc nc tdo tck tdi tms nc nc nc v ddq v ddq v ddq aaa a a a a a a a a a0 a1 dq a dq c dq a dq a dq a dq b dq b dq b dq b dq b dq b dq b dq a dq a dq a dq a dq b v dd dq c dq c dq c v dd dq d dq d dq d dq d adsc nc ce 1 oe adv gw v ss v ss v ss v ss v ss v ss v ss v ss dqp a mode dqp d dqp b bw b bw c nc v dd nc bw a nc bwe bw d zz 2 34567 1 a b c d e f g h j k l m n p r t u v ddq nc nc nc dq b dq b dq b dq b aa aa adsp v ddq a nc v ddq nc v ddq v ddq v ddq nc nc nc nc v ddq v dd clk v dd v ss v ss v ss v ss v ss v ss v ss v ss nc nc nc nc tdo tck tdi tms a a nc v ddq v ddq v ddq anca a a a a a a a a a0 a1 dq a dq b nc nc dq a nc dq a dq a nc nc dq a nc dq a nc dq a nc dq a v dd nc dq b nc v dd dq b nc dq b nc adsc nc ce 1 oe adv gw v ss v ss v ss v ss v ss v ss v ss v ss nc mode dqp b dqp a v ss bw b nc v dd nc bw a nc bwe v ss zz cy7c1387c (1m x 18) cy7c1386c (512k x 36) 119-ball bga (1 chip enable with jtag) a a
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 5 of 34 pin configurations (continued) 165-ball fbga (3 chip enable) cy7c1386c (512k x 36) 234 567 1 a b c d e f g h j k l m n p r tdo nc / 288m nc dqp c dq c dqp d nc dq d ce 1 bw b ce 3 bw c bwe a ce 2 dq c dq d dq d mode nc dq c dq c dq d dq d dq d nc / 36m nc / 72m v ddq bw d bw a clk gw v ss v ss v ss v ss v ddq v ss v dd v ss v ss v ss v ss v ss v ss v ddq v ddq nc v ddq v ddq v ddq v ddq a a v dd v ss v dd v ss v ss v ddq v dd v ss v dd v ss v dd v ss v ss v ss v dd v dd v ss v dd v ss v ss nc tck v ss tdi a a dq c v ss dq c v ss dq c dq c v ss v ss v ss v ss v ss nc v ss a1 dq d dq d nc nc v ddq v ss tms 891011 a adv a adsc nc oe adsp a nc / 144m v ss v ddq nc dqp b v ddq v dd dq b dq b dq b nc dq b nc dq a dq a v dd v ddq v dd v ddq dq b v dd nc v dd dq a v dd v ddq dq a v ddq v dd v dd v ddq v dd v ddq dq a v ddq a a v ss a a a dq b dq b dq b zz dq a dq a dqp a dq a a v ddq a cy7c1387c (1m x 18) a0 a v ss 234 567 1 a b c d e f g h j k l m n p r tdo nc / 288m nc nc nc dqp b nc dq b a ce 1 nc ce 3 bw b bwe a ce 2 nc dq b dq b mode nc dq b dq b nc nc nc nc / 36m nc / 72m v ddq nc bw a clk gw v ss v ss v ss v ss v ddq v ss v dd v ss v ss v ss v ss v ss v ss v ss v ddq v ddq nc v ddq v ddq v ddq v ddq a a v dd v ss v dd v ss v ss v ddq v dd v ss v dd v ss v dd ?v ss v ss v ss v dd v dd v ss v dd v ss v ss nc tck a0 v ss tdi a a dq b v ss nc v ss dq b nc v ss v ss v ss v ss v ss nc v ss a1 dq b nc nc nc v ddq v ss tms 891011 a adv a adsc a oe adsp a nc / 144m v ss v ddq nc dqp a v ddq v dd nc dq a dq a nc nc nc dq a nc v dd v ddq v dd v ddq dq a v dd nc v dd nc v dd v ddq dq a v ddq v dd v dd v ddq v dd v ddq nc v ddq a a v ss a a a dq a nc nc zz dq a nc nc dq a a v ddq a a a
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 6 of 34 cy7c1386c?pin definitions name tqfp bga (1 chip enable) fbga i/o description a 0 , a 1 , a 37,36,32,33, 34,35,42,43, 44,45,46,47, 48,49,50,81, 82,99,100 p4,n4,a2, b2,c2,r2, 3a,b3,c3, t3,t4,a5, b5,c5,t5, a6,b6,c6, r6 r6,p6,a2, a10,b2,b10, n6,p3,p4,p8, p9,p10,p11, r3,r4,r8,r9, r10,r11 input- synchronous address inputs used to select one of the 512k address locations . sampled at the rising edge of the clk if adsp or adsc is active low, and ce 1 , ce 2 , and ce 3 [2] are sampled active. a1: a0 are fed to the two-bit counter. . bw a, bw b bw c, bw d 93,94,95,96 l5,g5,g3, l3 b5,a5,a4,b4 input- synchronous byte write select inputs, active low . qualified with bwe to conduct byte writes to the sram. sampled on the rising edge of clk. gw 88 h4 b7 input- synchronous global write enable input, active low . when asserted low on the rising edge of clk, a global write is conducted (all bytes are written, regardless of the values on bw x and bwe ). bwe 87 m4 a7 input- synchronous byte write enable input, active low . sampled on the rising edge of clk. this signal must be asserted low to conduct a byte write. clk 89 k4 b6 input- clock clock input . used to capture all synchronous inputs to the device. also used to increment the burst counter when adv is asserted low, during a burst operation. ce 1 98 e4 a3 input- synchronous chip enable 1 input, active low . sampled on the rising edge of clk. used in conjunction with ce 2 and ce 3 [2] to select/deselec t the device. adsp is ignored if ce 1 is high. ce 2 [2] 97 - b3 input- synchronous chip enable 2 input, active high . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 3 [2] to select/deselect the device. ce 3 [2] 92 - a6 input- synchronous chip enable 3 input, active low . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 2 to select/deselect the device. not connected for bga. where referenced, ce 3 [2] is assumed active throughout this document for bga. oe 86 f4 b8 input- asynchronous output enable, asynchronous input, active low . controls the direction of the i/o pins. when low, the i/o pins behave as outputs. when deasserted high, dq pins are tri-stated, and act as input data pins. oe is masked during the first clock of a read cycle when emerging from a deselected state. adv 83 g4 a9 input- synchronous advance input signal, sampled on the rising edge of clk, active low . when asserted, it automatically increments the address in a burst cycle. adsp 84 a4 b9 input- synchronous address strobe from processor, sampled on the rising edge of clk, active low . when asserted low, addresses presented to the device are captured in the address registers. a1: a0 are also loaded into the burst counter. when adsp and adsc are both asserted, only adsp is recognized. asdp is ignored when ce 1 is deasserted high.
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 7 of 34 adsc 85 b4 a8 input- synchronous address strobe from controller, sampled on the rising edge of clk, active low . when asserted low, addresses presented to the device are captured in the address registers. a1: a0 are also loaded into the burst counter. when adsp and adsc are both asserted, only adsp is recognized. zz 64 t7 h11 input- asynchronous zz ?sleep? input, active high . when asserted high places the device in a non-time-critical ?sleep? condition with data integrity preserved. for normal operation, this pin has to be low or left floating. zz pin has an internal pull-down. dqs, dqps 52,53,56,57, 58,59,62,63, 68,69,72,73, 74,75,78,79, 2,3,6,7,8,9, 12,13,18,19, 22,23,24,25, 28,29,51,80, 1,30 k6,l6,m6, n6,k7,l7, n7,p7,e6, f6,g6,h6, d7,e7,g7, h7,d1,e1, g1,h1,e2, f2,g2,h2, k1,l1,n1, p1,k2,l2, m2,n2,p6, d6,d2,p2 m11,l11,k11, j11,j10,k10, l10,m10,d10 ,e10,f10,g10 ,d11,e11,f11, g11,d1,e1, f1,g1,d2,e2, f2,g2,j1,k1, l1,m1,j2,k2, l2,m2,n11, c11,c1,n1 i/o- synchronous bidirectional data i/o lines . as inputs, they feed into an on-chip data register that is triggered by the rising edge of clk. as outputs, they deliver the data contained in the memory location specified by the addresses presented during the previous clock rise of the read cycle. the direction of the pins is controlled by oe . when oe is asserted low, the pins behave as outputs. when high, dqs and dqp x are placed in a tri-state condition. v dd 15,41,65,91 j2,c4,j4, r4,j6 d4,d8,e4,e8, f4,f8,g4,g8, h4,h8,j4,j8, k4,k8,l4,l8, m4,m8 power supply power supply inputs to the core of the device . v ss 17,40,67,90 d3,e3,f3, h3,k3,m3, n3,p3,d5, e5,f5,h5, k5,m5,n5, p5 c4,c5,c6,c7, c8,d5,d6,d7, e5,e6,e7,f5, f6,f7,g5,g6, g7,h2,h5,h6 ,h7,j5,j6,j7, k5,k6,k7,l5, l6,l7,m5,m6, m7,n4,n8 ground ground for the co re of the device . v ssq 5,10,21,26, 55,60,71,76 - - i/o ground ground for the i/o circuitry . v ddq 4,11,20,27, 54,61,70,77 a1,f1,j1, m1,u1,a7, f7,j7,m7, u7 c3,c9,d3,d9, e3,e9,f3,f9, g3,g9,j3,j9, k3,k9,l3,l9, m3,m9,n3,n9 i/o power sup- ply power supply for the i/o circuitry . mode 31 r3 r1 input- static selects burst order . when tied to gnd selects linear burst sequence. when tied to v dd or left floating selects interleaved burst sequence. this is a strap pin and should remain static during device operation. mode pin has an internal pull-up. tdo - u5 p7 jtag serial output synchronous serial data-out to the jtag circuit . delivers data on the negative edge of tck. if the jtag feature is not being utilized, this pin should be disconnected. this pin is not available on tqfp packages. cy7c1386c?pin definitions (continued) name tqfp bga (1 chip enable) fbga i/o description
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 8 of 34 tdi - u3 p5 jtag serial input synchronous serial data-in to the jtag circuit . sampled on the rising edge of tck. if th e jtag feature is not being utilized, this pin can be di sconnected or connected to v dd . this pin is not available on tqfp packages. tms - u2 r5 jtag serial input synchronous serial data-in to the jtag circuit . sampled on the rising edge of tck. if th e jtag feature is not being utilized, this pin can be di sconnected or connected to v dd . this pin is not available on tqfp packages. tck - u4 r7 jtag-clock clock input to th e jtag circuitry . if the jtag feature is not being utilized, this pin must be connected to v ss . this pin is not available on tqfp packages. nc 14,16,66,39, 38 b1,c1,r1, t1,t2,j3, d4,l4,5j, 5r,6t,6u, b7,c7,r7 a11,b1,c2, c10,h1,h3, h9,h10,n2, n5,n7,n10, p1,a1,b11, p2,r2 - no connects . not internally connected to the die cy7c1387c:pin definitions name tqfp bga (2-chip enable) fbga i/o description a 0 , a 1 , a 37,36,32,33, 34,35,42,43, 44,45,46,47, 48,49,50,80, 81,82,99, 100 p4,n4,a2, b2,c2,r2, t2,a3,b3, c3,t3,a5, b5,c5,t5, a6,b6,c6, r6,t6 r6,p6,a2, a10,a11,b2, b10,n6,p3, p4,p8,p9, p10,p11,r3, r4,r8,r9, r10,r11 input- synchronous address inputs used to select one of the 1m address locations . sampled at the rising edge of the clk if adsp or adsc is active low, and ce 1 , ce 2 , and ce 3 [2] are sampled active. a1: a0 are fed to the two-bit counter. bw a ,bw b 93,94 g3,l5 b5,a4 input- synchronous byte write select inputs, active low . qualified with bwe to conduct byte writes to the sram. sampled on the rising edge of clk . gw 88 h4 b7 input- synchronous global write enable input, active low . when asserted low on the rising e dge of clk, a global write is conducted (all bytes are written, regardless of the values on bw x and bwe ). bwe 87 m4 a7 input- synchronous byte write enable input, active low . sampled on the rising edge of clk. this signal must be asserted low to conduct a byte write. clk 89 k4 b6 input- clock clock input . used to capture all synchronous inputs to the device. also used to increment the burst counter when adv is asserted low, during a burst operation. ce 1 98 e4 a3 input- synchronous chip enable 1 input, active low . sampled on the rising edge of clk. used in conjunction with ce 2 and ce 3 [2] to select/deselect the device. adsp is ignored if ce 1 is high. ce 2 [2] 97 - b3 input- synchronous chip enable 2 input, active high . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 3 [2] to select/deselect the device. cy7c1386c?pin definitions (continued) name tqfp bga (1 chip enable) fbga i/o description
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 9 of 34 ce 3 [2] 92 - a6 input- synchronous chip enable 3 input, active low . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 2 to select/desel ect the device. not connected for bga. where referenced, ce 3 [2] is assumed active throughout this document for bga. oe 86 f4 b8 input- asynchronous output enable, asynchronous input, active low . controls the direction of the i/o pins. when low, the i/o pins behave as outputs. when deasserted high, dq pins are tri-stated, and act as input data pins. oe is masked during the first clock of a read cycle when emerging from a deselected state. adv 83 g4 a9 input- synchronous advance input signal, sampled on the rising edge of clk, active low . when asserted, it automatically increments the address in a burst cycle. adsp 84 a4 b9 input- synchronous address strobe from processor, sampled on the rising edge of clk, active low . when asserted low, addresses presented to the device are captured in the address registers. a1: a0 are also loaded into the burst counter. when adsp and adsc are both asserted, only adsp is recognized. asdp is ignored when ce 1 is deasserted high. adsc 85 p4 a8 input- synchronous address strobe from controller, sampled on the rising edge of clk, active low . when asserted low, addresses presented to the device are captured in the address registers. a1: a0 are also loaded into the burst counter. when adsp and adsc are both asserted, only adsp is recognized. zz 64 t7 h11 input- asynchronous zz ?sleep? inpu t, active high . when asserted high places the device in a non-time-critical ?sleep? condition with data integrity preserved. for normal operation, this pin has to be low or left floating. zz pin has an internal pull-down. dqs, dqps 58,59,62,63, 68,69,72,73, 8,9,12,13,18 ,19,22,23,74 ,24 p7,k7,g7, e7,f6,h6, l6,n6,d1, h1,l1,n1, e2,g2,k2, m2,d6,p2 j10,k10,l10, m10,d11, e11,f11,g11 ,j1,k1,l1,m1 ,d2,e2,f2, g2,c11,n1 i/o- synchronous bidirectional data i/o lines . as inputs, th ey feed into an on-chip data register that is triggered by the rising edge of clk. as outputs, they deliver the data contained in the memory location specified by the addresses presented during the previous clock rise of the read cycle. the direction of the pins is controlled by oe . when oe is asserted low, the pins behave as outputs. when high, dqs and dqp x are placed in a tri-state condition. v dd 15,41,65,91 c4,j2,j4, j6,r4 d4,d8,e4,e8 ,f4,f8,g4, g8,h4,h8,j4 ,j8,k4,k8,l4 ,l8,m4,m8 power supply power supply inputs to the core of the device . cy7c1387c:pin definitions (continued) name tqfp bga (2-chip enable) fbga i/o description
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 10 of 34 v ss 17,40,67,90 d3,d5,e5, e3,f3,f5, g5,h3,h5, k3,k5,l3, m3,m5,n3, n5,p3,p5 h2,c4,c5,c6 ,c7,c8,d5, d6,d7,e5,e6 ,e7,f5,f6,f7 ,g5,g6,g7, h5,h6,h7,j5 ,j6,j7,k5,k6, k7,l5,l6,l7, m5,m6,m7, n4,n8 ground ground for the core of the device . v ssq 5,10,21,26, 55,60,71,76 - - i/o ground ground for the i/o circuitry . v ddq 4,11,20,27, 54,61,70,77 a1,a7,f1, f7,j1,j7, m1,m7,u1, u7 c3,c9,d3,d9 ,e3,e9,f3,f9 ,g3,g9,j3,j9 ,k3,k9,l3,l9 ,m3,m9,n3, n9 i/o power sup- ply power supply for the i/o circuitry . mode 31 r3 r1 input- static selects burst order . when tied to gnd selects linear burst sequence. when tied to v dd or left floating selects interleaved burst sequence. this is a strap pin and should remain static during device operation. mode pin has an internal pull-up. tdo - u5 p7 jtag serial out- put synchronous serial data-out to the jtag circuit . delivers data on the negative edge of tck. if the jtag feature is not being utilized, this pin should be left unconnected. this pin is not available on tqfp packages. tdi - u3 p5 jtag serial input synchronous serial data-in to the jtag circuit . sampled on the rising edge of tck. if the jt ag feature is not being uti- lized, this pin can be left floating or connected to v dd through a pull up resistor. this pin is not available on tqfp packages. tms - u2 r5 jtag serial input synchronous serial data-in to the jtag circuit . sampled on the rising edge of tck. if the jt ag feature is not being uti- lized, this pin can be disconnected or connected to v dd . this pin is not available on tqfp packages. tck - u4 r7 jtag-clock clock input to the jtag circuitry . if the jtag feature is not being utilized, this pin must be connected to v ss . this pin is not available on tqfp packages. nc 1,2,3,6,7,14, 16,25,28,29, 30,38,39,51, 52,53,56,57, 66,75,78,79, 95,96 b1,b7,c1, c7,d2,d4, d7,e1,e6, h2,f2,g1, g6,h7,j3, j5,k1,k6, l4,l2,l7, m6,n2,l7, p1,p6,r1, r5,r7,t1, t4,u6 a5,b1,b4,c1 ,c2,c10,d1, d10,e1,e10, f1,f10,g1, g10,h1,h3, h9,h10,j2, j11,k2,k11, l2,l1,m2, m11,n2,n10, n5,n7,n11, p1,a1,b11, p2,r2 - no connects . not internally connected to the die. cy7c1387c:pin definitions (continued) name tqfp bga (2-chip enable) fbga i/o description
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 11 of 34 functional overview all synchronous inputs pass through input registers controlled by the rising edge of the clock. all data outputs pass through output registers controlled by the rising edge of the clock. the cy7c1386c/cy7c1387c supports secondary cache in systems utilizing either a linear or interleaved burst sequence. the interleaved burst order supports pentium and i486 ? processors. the linear burst sequence is suited for processors that utilize a linear burst sequence. the burst order is user selectable, and is determined by sampling the mode input. accesses can be initiated with either the processor address strobe (adsp ) or the controller address strobe (adsc ). address advancement through the burst sequence is controlled by the adv input. a two-bit on-chip wraparound burst counter captures the firs t address in a burst sequence and automatically increments the address for the rest of the burst access. byte write operations are qualif ied with the byte write enable (bwe ) and byte write select (bw x ) inputs. a global write enable (gw ) overrides all byte write inputs and writes data to all four bytes. all writes are simplified with on-chip synchronous self-timed write circuitry. synchronous chip selects ce 1 , ce 2 , ce 3 [2] and an asynchronous output enable (oe ) provide for easy bank selection and output tri-state control. adsp is ignored if ce 1 is high. single read accesses this access is initiated when the following conditions are satisfied at cloc k rise: (1) adsp or adsc is asserted low, (2) chip selects are all asserted active, and (3) the write signals (gw , bwe ) are all deasserted high. adsp is ignored if ce 1 is high. the address presented to the address inputs is stored into the address adv ancement logic and the address register while being presented to the memory core. the corre- sponding data is allowed to propagate to the input of the output registers. at the rising edge of the next clock the data is allowed to propagate thro ugh the output register and onto the data bus within t co if oe is active low. the only exception occurs when the sram is emerging from a deselected state to a selected state, its outputs are always tri-stated during the first cycle of the access. after th e first cycle of the access, the outputs are controlled by the oe signal. consecutive single read cycles are supported. the cy7c1386c/cy7c1387c is a double-cycle deselect part. once the sram is deselected at clock rise by the chip select and either adsp or adsc signals, its output will tri-state immediately after the next clock rise. single write accesse s initiated by adsp this access is initiated when both of the following conditions are satisfied at clock rise: (1) adsp is asserted low, and (2) chip select is asserted active. the address presented is loaded into the address register and the address advancement logic while being delivered to the memory core. the write signals (gw , bwe , and bw x ) and adv inputs are ignored during th is first cycle. adsp triggered write accesses require two clock cycles to complete. if gw is asserted low on the second clock rise, the data presented to the dq x inputs is written into the corre- sponding address location in the memory core. if gw is high, then the write operation is controlled by bwe and bw x signals. the cy7c1386c/cy7c1387c provides byte write capability that is described in the write cycle description table. asserting the byte write enable input (bwe ) with the selected byte write input will selectively write to only the desired bytes. bytes not selected during a byte write operation will remain unaltered. a synchronous self -timed write mechanism has been provided to simplify the write operations. because the cy7c1386c/cy7c1387c is a common i/o device, the output enable (oe ) must be deasserted high before presenting data to the dq inputs. doing so will tri-state the output drivers. as a safety precaution, dq are automati- cally tri-stated whenever a writ e cycle is detected, regardless of the state of oe . single write accesses initiated by adsc adsc write accesses are initiated when the following condi- tions are satisfied: (1) adsc is asserted low, (2) adsp is deasserted high, (3) chip select is asserted active, and (4) the appropriate combination of the write inputs (gw , bwe , and bw x ) are asserted active to conduct a write to the desired byte(s). adsc triggered write accesses require a single clock cycle to complete. the address presented is loaded into the address register and the address advancement logic while being delivered to the memory core. the adv input is ignored during this cycle. if a global write is conducted, the data presented to the dq x is written into the corresponding address location in the memory core. if a byte write is conducted, only the selected bytes are written. bytes not selected during a byte write operation will remain unaltered. a synchronous self-timed write mechanism has been provided to simplify the write operations. because the cy7c1386c/cy7c1387c is a common i/o device, the output enable (oe ) must be deasserted high before presenting data to the dq x inputs. doing so will tri-state the output drivers. as a safety precaution, dq x are automati- cally tri-stated whenever a writ e cycle is detected, regardless of the state of oe . burst sequences the cy7c1386c/cy7c1387ccy7c1387c provides a two-bit wraparound counter, fed by a [1:0] , that implements either an interleaved or linear burst sequence. the interleaved burst sequence is designed specifically to support intel? pentium applications. the linear burst sequence is designed to support processors that follow a linear burst sequence. the burst sequence is user selectable through the mode input. both read and write burst operations are supported.
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 12 of 34 asserting adv low at clock rise will automatically increment the burst counter to the next address in the burst sequence. both read and write burst operations are supported. sleep mode the zz input pin is an asynchronous input. asserting zz places the sram in a power conservation ?sleep? mode. two clock cycles are required to enter into or exit from this ?sleep? mode. while in this mode, data integrity is guaranteed. accesses pending when entering the ?sleep? mode are not considered valid nor is the completion of the operation guaranteed. the device must be deselected prior to entering the ?sleep? mode. ce s, adsp , and adsc must remain inactive for the duration of t zzrec after the zz input returns low . . interleaved burst address table (mode = floating or v dd ) first address a1: a0 second address a1: a0 third address a1: a0 fourth address a1: a0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 linear burst address table (mode = gnd) first address a1: a0 second address a1: a0 third address a1: a0 fourth address a1: a0 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 zz mode electrical characteristics parameter description test conditions min. max. unit i ddzz snooze mode standby current zz > v dd ? 0.2v 60 ma t zzs device operation to zz zz > v dd ? 0.2v 2t cyc ns t zzrec zz recovery time zz < 0.2v 2t cyc ns t zzi zz active to snooze current th is parameter is sampled 2t cyc ns t rzzi zz inactive to exit snooze curre nt this parameter is sampled 0 ns truth table [ 3, 4, 5, 6, 7, 8] operation add. used ce 1 ce 2 ce 3 zz adsp adsc adv write oe clk dq deselect cycle,power down none h x x l x l x x x l-h tri-state deselect cycle,power down none l l x l l x x x x l-h tri-state deselect cycle,power down none l x h l l x x x x l-h tri-state deselect cycle,power down none l l x l h l x x x l-h tri-state deselect cycle,power down none l x h l h l x x x l-h tri-state snooze mode,power down none x x x h x x x x x x tri-state read cycle, begin burst external l h l l l x x x l l-h q read cycle, begin burst external l h l l l x x x h l-h tri-state write cycle, begin burst external l h l l h l x l x l-h d read cycle, begin burst external l h l l h l x h l l-h q read cycle, begin burst external l h l l h l x h h l-h tri-state read cycle, continue burst next x x x l h h l h l l-h q read cycle, continue burst next x x x l h h l h h l-h tri-state read cycle, continue burst next h x x l x h l h l l-h q
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 13 of 34 read cycle, continue burst next h x x l x h l h h l-h tri-state write cycle, continue burst next x x x l h h l l x l-h d write cycle, continue burst next h x x l x h l l x l-h d read cycle, suspend burst current x x x l h h h h l l-h q read cycle, suspend burst current x x x l h h h h h l-h tri-state read cycle, suspend burst current h x x l x h h h l l-h q read cycle, suspend burst current h x x l x h h h h l-h tri-state write cycle,suspend burst current x x x l h h h l x l-h d write cycle,suspend burst current h x x l x h h l x l-h d notes: 3. x = ?don't care.? h = logic high, l = logic low. 4. write = l when any one or more byte write enable signals and bwe = l or gw = l. write = h when all byte write enable signals , bwe , gw = h. 5. the dq pins are controlled by the current cycle and the oe signal. oe is asynchronous and is not sampled with the clock. 6. ce 1 , ce 2 , and ce 3 are available only in the tqfp package. bga package has only 2 chip selects ce 1 and ce 2 . 7. the sram always initiates a read cycle when adsp is asserted, regardless of the state of gw , bwe , or bw x . writes may occur only on subsequent clocks after the adsp or with the assertion of adsc . as a result, oe must be driven high prior to the start of the write cycle to allow the outputs to tri-state. oe is a don't care for the remainder of the write cycle 8. oe is asynchronous and is not sampled with the clock rise. it is masked internally during write cycles. during a read cycle all d ata bits are tri-state when oe is inactive or when the device is deselect ed, and all data bits behave as output when oe is active (low) . 9. table only lists a partial listing of the byte write combinations. any combination of bw x is valid appropriate write will be done based on which byte write is active. partial truth table for read/write [5, 9] function (cy7c1386c) gw bwe bw d bw c bw b bw a read hhxxxx read hlhhhh write byte a ? ( dq a and dqp a ) hlhhhl write byte b ? ( dq b and dqp b )hlhhlh write bytes b, a h l h h l l write byte c ? ( dq c and dqp c ) hlhlhh write bytes c, a h l h l h l write bytes c, b h l h l l h write bytes c, b, a h l h l l l write byte d ? ( dq d and dqp d ) hl lhhh write bytes d, a h l l h h l write bytes d, b h l l h l h write bytes d, b, a h l l h l l write bytes d, c h l l l h h write bytes d, c, a h l l l h l write bytes d, c, b hllllh write all bytes hlllll write all bytes lxxxxx truth table for read/write [5] function (cy7c1387c) gw bwe bw b bw a read h h x x read h l h h write byte a ? ( dq a and dqp a )hlhl write byte b ? ( dq b and dqp b )hllh write all bytes h l l l write all bytes l x x x truth table [ 3, 4, 5, 6, 7, 8] operation add. used ce 1 ce 2 ce 3 zz adsp adsc adv write oe clk dq
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 14 of 34 ieee 1149.1 serial boundary scan (jtag) the cy7c1386c/cy7c1387c incorporates a serial boundary scan test access port (tap). this port operates in accordance with ieee standard 1149.1-1990 but does not have the set of functions required for full 1149.1 compliance. these functions from the ieee specificatio n are excluded because their inclusion places an added delay in the critical speed path of the sram. note that the tap controller functions in a manner that does not conflict with the operation of other devices using 1149.1 fully compliant taps. the tap operates using jedec-standard 3.3v or 2.5v i/o logic levels. the cy7c1386c/cy7c1387c contains a tap controller, instruction register, boundary sc an register, bypass register, and id register. disabling the jtag feature it is possible to operate the sram without using the jtag feature. to disable the tap controller, tck must be tied low(v ss ) to prevent clocking of the device. tdi and tms are internally pulled up and may be unconnected. they may alter- nately be connected to v dd through a pull-up resistor. tdo should be left unconnected. upon power-up, the device will come up in a reset state which will not interfere with the operation of the device. tap controller state diagram the 0/1 next to each state repr esents the value of tms at the rising edge of tck. test access port (tap) test clock (tck) the test clock is used only with the tap controller. all inputs are captured on the rising edge of tck. all outputs are driven from the falling edge of tck. test mode select (tms) the tms input is used to give commands to the tap controller and is sampled on the rising edge of tck. it is allowable to leave this ball unconnected if the tap is not used. the ball is pulled up internally, resulting in a logic high level. test data-in (tdi) the tdi ball is used to serially input information into the registers and can be connected to the input of any of the registers. the register between tdi and tdo is chosen by the instruction that is loaded into the tap instruction register. for information on loading the instruction register, see figure . tdi is internally pulled up and can be unconnected if the tap is unused in an application. tdi is connected to the most signif- icant bit (msb) of any regist er. (see tap controller block diagram.) test data-out (tdo) the tdo output ball is used to serially clock data-out from the registers. the output is active depending upon the current state of the tap state machine. the output changes on the falling edge of tck. tdo is connected to the least significant bit (lsb) of any register. (see tap controller state diagram.) tap controller block diagram performing a tap reset a reset is performed by forc ing tms high (vdd) for five rising edges of tck. this reset does not affect the operation of the sram and may be performed while the sram is operating. at power-up, the tap is reset internally to ensure that tdo comes up in a high-z state. tap registers registers are connected between the tdi and tdo balls and allow data to be scanned into and out of the sram test circuitry. only one register can be selected at a time through the instruction register. data is serially loaded into the tdi ball on the rising edge of tck. data is output on the tdo ball on the falling edge of tck. test-logic reset run-test/ idle select dr-scan select ir-scan capture-dr shift-dr capture-ir shift-ir exit1-dr pause-dr exit1-ir pause-ir exit2-dr update-dr exit2-ir update-ir 1 1 1 0 1 1 0 0 1 1 1 0 0 0 0 0 0 0 0 0 1 0 1 1 0 1 0 1 1 1 1 0 bypass register 0 instruction register 0 1 2 identification register 0 1 2 29 30 31 . . . boundary scan register 0 1 2 . . x . . . s election circuitr y selection circuitry tck t ms tap controller tdi td o
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 15 of 34 instruction register three-bit instructions can be serially loaded into the instruction register. this register is loaded when it is placed between the tdi and tdo balls as shown in the tap controller block diagram. upon power-up, the instruction register is loaded with the idcode instruction. it is also loaded with the idcode instruction if the controller is placed in a reset state as described in the previous section. when the tap controller is in the capture-ir state, the two least significant bits are loaded with a binary ?01? pattern to allow for fault isolation of the board-level serial test data path. bypass register to save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. the bypass register is a single-bit register that can be placed between the tdi and tdo balls. this allows data to be shifted through the sram with minimal delay. the bypass register is set low (v ss ) when the bypass instruction is executed. boundary scan register the boundary scan register is connected to all the input and bidirectional balls on the sram. the x36 configuration has a xx-bit-long register, and the x18 configuration has a yy-bit-long register. the boundary scan register is lo aded with the contents of the ram i/o ring when the tap controller is in the capture-dr state and is then placed between the tdi and tdo balls when the controller is moved to the shift-dr state. the extest, sample/preload and sample z instructions can be used to capture the contents of the i/o ring. the boundary scan order tables show the order in which the bits are connected. each bit corresponds to one of the bumps on the sram package. the msb of the register is connected to tdi, and the lsb is connected to tdo. identification (id) register the id register is loaded with a vendor-specific, 32-bit code during the capture-dr state when the idcode command is loaded in the instruction regi ster. the idcode is hardwired into the sram and can be shifted out when the tap controller is in the shift-dr state. the id register has a vendor code and other information described in the identification register definitions table. tap instruction set overview eight different instructions are possible with the three bit instruction register. all combinations are listed in the instruction codes table. three of these instructions are listed as reserved and should not be used. the other five instruc- tions are described in detail below. the tap controller used in this sram is not fully compliant to the 1149.1 convention because some of the mandatory 1149.1 instructions are not fully implemented. the tap controller cannot be used to load address data or control signals into the sram and cannot preload the i/o buffers. the sram does not implement the 1149.1 commands extest or intest or the preload portion of sample/preload; rather, it per forms a capture of the i/o ring when these instructions are executed. instructions are loaded into the tap controller during the shift-ir state when the instruction register is placed between tdi and tdo. during this stat e, instructions are shifted through the instruction register through the tdi and tdo balls. to execute the instruction once it is shifted in, the tap controller needs to be moved into the update-ir state. extest extest is a mandatory 1149.1 instruction which is to be executed whenever the instructi on register is loaded with all 0s. extest is not implemented in this sram tap controller, and therefore this device is not compliant to 1149.1. the tap controller does recognize an all-0 instruction. when an extest instruction is loaded into the instruction register, the sram responds as if a sample/preload instruction has been loaded. there is one difference between the two instructions. un like the sample/preload instruction, extest places the sram outputs in a high-z state. idcode the idcode instruction causes a vendor-specific, 32-bit code to be loaded into the instruction register. it also places the instruction register between the tdi and tdo balls and allows the idcode to be shifted out of the device when the tap controller enters the shift-dr state. the idcode instruction is loaded into the instruction register upon power-up or whenever the tap controller is given a test logic reset state. sample z the sample z instruction causes the boundary scan register to be connected between the tdi and tdo balls when the tap controller is in a shift-dr state. it also places all sram outputs into a high-z state. sample/preload sample/preload is a 1149.1 m andatory instruction. the preload portion of this instru ction is not implemented, so the device tap controller is not fully 1149.1 compliant. when the sample/preload instruction is loaded into the instruction register and the tap controller is in the capture-dr state, a snapshot of data on the inputs and bidirectional balls is captured in the boundary scan register. the user must be aware that th e tap controller clock can only operate at a frequency up to 10 mhz, while the sram clock operates more than an order of magnitude faster. because there is a large difference in the clock frequencies, it is possible that during the capture-dr state, an input or output will undergo a transition. the ta p may then try to capture a signal while in transition (metastable state). this will not harm the device, but there is no guar antee as to the value that will be captured. repeatable results may not be possible. to guarantee that the boundary scan register will capture the correct value of a signal, the sram signal must be stabilized long enough to meet the tap controller?s capture setup plus hold time ( t cs plus t ch). the sram clock input might not be captured correctly if there is no way in a design to stop (or slow) the clock during a sample/preload instruction. if th is is an issue, it is still
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 16 of 34 possible to capture all other signals and simply ignore the value of the clk captured in the boundary scan register. once the data is captured, it is possible to shift out the data by putting the tap into the shift-dr state. this places the boundary scan register between the tdi and tdo balls. note that since the preload part of the command is not implemented, putting the tap to the update-dr state while performing a sample/preload instruction will have the same effect as the pause-dr command. bypass when the bypass instruction is loaded in t he instruction register and the tap is placed in a shift-dr state, the bypass register is placed between the tdi and tdo balls. the advantage of the bypass instructio n is that it shortens the boundary scan path when multiple devices are connected together on a board. reserved these instructions are not im plemented but are reserved for future use. do not use these instructions. tap timing t tl test clock (tck) 123456 t est mode select (tms) t th test data-out (tdo) t cyc test data-in (tdi) t tmsh t tmss t tdih t tdis t tdox t tdov don?t care undefined tap ac switching characteristics over the operating range [10, 11] parameter symbol min max units clock tck clock cycle time t tcyc 100 ns tck clock frequency t tf 10 mhz tck clock high time t th 40 ns tck clock low time t tl 40 ns output times tck clock low to tdo valid t tdov 20 ns tck clock low to tdo invalid t tdox 0ns setup times tms set-up to tck clock rise t tmss 10 ns tdi set-up to tck clock rise t tdis 10 ns capture set-up to tck rise t cs 10 hold times tms hold after tck clock rise t tmsh 10 ns tdi hold after clock rise t tdih 10 ns capture hold after clock rise t ch 10 ns notes: 10. t cs and t ch refer to the setup and hold time requirements of latching data from the boundary scan register. 11. test conditions are specified using t he load in tap ac test conditions. t r /t f = 1ns.
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 17 of 34 3.3v tap ac test conditions input pulse levels ........ ........................................v ss to 3.3v input rise and fall times ........... ........... ..............................1ns input timing reference levels ...........................................1.5v output reference levels...................................................1.5v test load termination supply voltage...............................1.5v 3.3v tap ac output load equivalent 2.5v tap ac test conditions input pulse levels............................................... v ss to 2.5v input rise and fall time ......................................................1ns input timing reference levels...... ............. ......................1.25v output reference levels ............. ..... ..............................1.25v test load termination supply voltage .................... ........1.25v 2.5v tap ac output load equivalent note: 12. all voltages referenced to v ss (gnd). t do 1.5v 20p f z = 50 ? o 50 ? t do 1.25v 20p f z = 50 ? o 50 ? tap dc electrical characteristics and operating conditions (0c < ta < +70c; vdd = 3.3v 0.165v unless otherwise noted) [12] parameter description test conditions min max units v oh1 output high voltage i oh = -4.0 ma, v ddq = 3.3v 2.4 v i oh = -1.0 ma, v ddq = 2.5v 2.0 v v oh2 output high voltage i oh = -100 a v ddq = 3.3v 2.9 v v ddq = 2.5v 2.1 v v ol1 output low voltage i ol = 8.0 ma, v ddq = 3.3v 0.4 v i ol = 8.0 ma, v ddq = 2.5v 0.4 v v ol2 output low voltage i ol = 100 a v ddq = 3.3v 0.2 v v ddq = 2.5v 0.2 v v ih input high voltage v ddq = 3.3v 2.0 v dd + 0.3 v v ddq = 2.5v 1.7 v dd + 0.3 v v il input low voltage v ddq = 3.3v -0.5 0.7 v v ddq = 2.5v -0.3 0.7 v i x input load current gnd < v in < v ddq -5 5 a
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 18 of 34 identification register definitions instruction field cy7c1386c cy7c1387c description revision number (31:29) 010 010 describes the version number. device depth (28:24) 01010 01010 reserved for internal use device width (23:18) 000110 000110 defi nes memory type and architecture cypress device id (17:12) 100101 010101 defines width and density cypress jedec id code (11:1) 00000110100 00000110100 allows unique identification of sram vendor. id register presence indicator (0) 1 1 ind icates the presence of an id register. scan register sizes register name bit size (x18) bit size(x36) instruction 3 3 bypass 1 1 id 32 32 boundary scan order 72 72 identification codes instruction code description extest 000 captures i/o ring contents. places the boundary scan register between tdi and tdo. forces all sram outputs to high-z state. this instruction is not 1149.1 compliant. idcode 001 loads the id register with the vendor id code and places the register between tdi and tdo. this operation does not affect sram operations. sample z 010 captures i/o ring contents. places the boundary scan register between tdi and tdo. forces all sram output drivers to a high-z state. reserved 011 do not use: this instruction is reserved for future use. sample/preload 100 captures i/o ring contents. places the boundary scan register between tdi and tdo. does not affect sram operation. this in struction does not implement 1149.1 preload function and is therefor e not 1149.1 compliant. reserved 101 do not use: this instruction is reserved for future use. reserved 110 do not use: this instruction is reserved for future use. bypass 111 places the bypass register between tdi and tdo. this operation does not affect sram operations.
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 19 of 34 119-ball bga boundary scan order cy7c1386c (512k x 36) bit# ball id bit # ball id 1 k4 37 b2 2 h4 38 p4 3m439 n4 4f440 r6 5b441 t5 6a442 t3 7g443 r2 8c644 r3 9a645 p2 10 d6 46 p1 11 d7 47 n2 12 e6 48 l2 13 g6 49 k1 14 h7 50 n1 15 e7 51 m2 16 f6 52 l1 17 g7 53 k2 18 h6 54 not bonded (preset to 1) 19 t7 55 h1 20 k7 56 g2 21 l6 57 e2 22 n6 58 d1 23 p7 59 h2 24 k6 60 g1 25 l7 61 f2 26 m6 62 e1 27 n7 63 d2 28 p6 64 a5 29 b5 65 a3 30 b3 66 e4 31 c5 67 internal 32 c3 68 l3 33 c2 69 g3 34 a2 70 g5 35 t4 71 l5 36 b6 71 internal
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 20 of 34 cy7c1387c (1m x 18) bit# ball id bit # ball id 1 k4 37 b2 2 h4 38 p4 3m439 n4 4f440 r6 5b441 t5 6a442 t3 7g443 r2 8c644 r3 9 a6 45 not bonded (preset to 0) 10 t6 46 not bonded (preset to 0) 11 not 47 not bonded (preset to 0) 12 not 48 not bonded (preset to 0) 13 not 49 p2 14 d6 50 n1 15 e7 51 m2 16 f6 52 l1 17 g7 53 k2 18 h6 54 not bonded (preset to 1) 19 t7 55 h1 20 k7 56 g2 21 l6 57 e2 22 n6 58 d1 23 p7 59 not bonded (preset to 0) 24 not 60 not bonded (preset to 0) 25 not 61 not bonded (preset to 0) 26 not 62 not bonded (preset to 0) 27 not 63 not bonded (preset to 0) 28 not 64 a5 29 b5 65 a3 30 b3 66 e4 31 c5 67 internal 32 c3 68 not bonded (preset to 0) 33 c2 69 internal 34 a2 70 g3 35 t2 71 l5 36 b6 72 internal 119-ball bga boundary scan order
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 21 of 34 165-ball fbga boundary scan order cy7c1386c (512k x 36) bit# ball id bit# ball id 1b637n6 2b738r6 3a739p6 4b840r4 5a841r3 6b942p4 7a943p3 8b1044 r1 9a1045 n1 10 c11 46 l2 11 e10 47 k2 12 f10 48 j2 13 g10 49 m2 14 d10 50 m1 15 d11 51 l1 16 e11 52 k1 17 f11 53 j1 18 g11 54 internal 19 h11 55 g2 20 j10 56 f2 21 k10 57 e2 22 l10 58 d2 23 m10 59 g1 24 j11 60 f1 25 k11 61 e1 26 l11 62 d1 27 m11 63 c1 28 n11 64 a2 29 r11 65 b2 30 r10 66 a3 31 r9 67 b3 32 r8 68 b4 33 p10 69 a4 34 p9 70 a5 35 p8 71 b5 36 p11 72 a6
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 22 of 34 cy7c1387c (1m x 18) bit# ball id bit# ball id 0b636n6 1b737r6 2a738p6 3b839r4 4a840r3 5b941p4 6a942p3 7b1043 r1 8a1044not 9a1145not 10 not 46 not 11 not 47 not 12 not 48 n1 13 c11 49 m1 14 d11 50 l1 15 e11 51 k1 16 f11 52 j1 17 g11 53 internal 18 h11 54 g2 19 j10 55 f2 20 k10 56 e2 21 l10 57 d2 22 m10 58 not 23 not 59 not 24 not 60 not 25 not 61 not 26 not 62 not 27 not 63 a2 28 r11 64 b2 29 r10 65 a3 30 r9 66 b3 31 r8 67 not 32 p10 68 not 33 p9 69 a4 34 p8 70 b5 35 p11 71 a6 165-ball fbga boundary scan order
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 23 of 34 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature ................................. ?65 c to +150 c ambient temperature with power applied............................................. ?55 c to +125 c supply voltage on v dd relative to gnd........ ?0.5v to +4.6v dc voltage applied to outputs in tri-state........................................... ?0.5v to v ddq + 0.5v dc input voltage....................................?0.5v to v dd + 0.5v current into outputs (low).... ..................................... 20 ma static discharge voltage......... ........... ............ ........... >2001v (per mil-std-883, method 3015) latch-up current..................................................... >200 ma operating range range ambient temperature v dd v ddq commercial 0c to +70c 3.3v ? 5%/+10% 2.5v ? 5% to v dd industrial -40c to +85c electrical characteristics over the operating range [13, 14] parameter description test conditions min. max. unit v dd power supply voltage 3.135 3.6 v v ddq i/o supply voltage v ddq = 3.3v 3.135 v dd v v ddq = 2.5v 2.375 2.625 v v oh output high voltage v ddq = 3.3v, v dd = min., i oh = ?4.0 ma 2.4 v v ddq = 2.5v, v dd = min., i oh = ?1.0 ma 2.0 v v ol output low voltage v ddq = 3.3v, v dd = min., i ol = 8.0 ma 0.4 v v ddq = 2.5v, v dd = min., i ol = 1.0 ma 0.4 v v ih input high voltage [13] v ddq = 3.3v 2.0 v dd + 0.3v v v ddq = 2.5v 1.7 v dd + 0.3v v v il input low voltage [13] v ddq = 3.3v ?0.3 0.8 v v ddq = 2.5v ?0.3 0.7 v i x input load current ex- cept zz and mode gnd v i v ddq ?5 5 a input current of mode input = v ss ?30 a input = v dd 5 a input current of zz input = v ss ?5 a input = v dd 30 a i oz output leakage current gnd v i v ddq, output disabled ?5 5 a i dd v dd operating supply current v dd = max., i out = 0 ma, f = f max = 1/t cyc 4.0-ns cycle, 250 mhz 350 ma 4.4-ns cycle, 225 mhz 325 ma 5-ns cycle, 200mhz 300 ma 6-ns cycle, 167 mhz 275 ma i sb1 automatic ce power-down current?ttl inputs v dd = max, device deselected, v in v ih or v in v il f = f max = 1/t cyc 4.0-ns cycle, 250 mhz 120 ma 4.4-ns cycle, 225 mhz 110 ma 5.0-ns cycle, 200mhz 100 ma 6.0-ns cycle, 167 mhz 90 ma i sb2 automatic ce power-down current?cmos inputs v dd = max, device deselected, v in 0.3v or v in > v ddq ? 0.3v, f = 0 all speeds 70 ma i sb3 automatic ce power-down current?cmos inputs v dd = max, device deselected, or v in 0.3v or v in > v ddq ? 0.3v f = f max = 1/t cyc 4.0-ns cycle, 250 mhz 105 ma 4.4-ns cycle, 225 mhz 100 ma 5.0-ns cycle, 200mhz 95 ma 6.0-ns cycle, 167 mhz 85 ma
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 24 of 34 i sb4 automatic ce power-down current?ttl inputs v dd = max, device deselected, v in v ih or v in v il , f = 0 all speeds 80 ma shaded areas contain advance information. notes: 13. overshoot: v ih (ac) < v dd +1.5v (pulse width less than t cyc /2), undershoot: v il (ac) > -2v (pulse width less than t cyc /2). 14. tpower-up: assumes a linear ramp from 0v to v dd (min.) within 200ms. during this time v ih < v dd and v ddq < v dd\ thermal resistance [15] parameter description test conditions tqfp package bga package fbga package unit ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedence, per eia / jesd51. 31 45 46 c/w jc thermal resistance (junction to case) 6 7 3 c/w capacitance [15] parameter description test conditions tqfp package bga package fbga package unit c in input capacitance t a = 25 c, f = 1 mhz, v dd = 3.3v. v ddq = 2.5v 5 8 9 pf c clk clock input capacitance 5 8 9 pf c i/o input/output capacitance 5 8 9 pf notes: 15. tested initially and after any design or process change that may affect these parameters ac test loads and waveforms electrical characteristics over the operating range [13, 14] (continued) parameter description test conditions min. max. unit output r = 317 ? r = 351 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v l = 1.5v 3.3v all input pulses v dd gnd 90% 10% 90% 10% 1ns 1ns (c) output r = 1667 ? r =1538 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v l = 1.25v 2.5v all input pulses v dd gnd 90% 10% 90% 10% 1ns 1ns (c) 3.3v i/o test load 2.5v i/o test load
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 25 of 34 switching characteristics over the operating range [20, 21] parameter description 250 mhz 225 mhz 200 mhz 167 mhz unit min. max min. max min. max min. max t power v dd (typical) to the first access [16] 1 1 1 1 ms clock t cyc clock cycle time 4.0 4.4 5.0 6.0 ns t ch clock high 1.7 2.0 2.0 2.2 ns t cl clock low 1.7 2.0 2.0 2.2 ns output times t co data output valid after clk rise 2.6 2.8 3.0 3.4 ns t doh data output hold after clk rise 1.0 1.0 1.3 1.3 ns t clz clock to low-z [17, 18, 19] 1.0 1.0 1.3 1.3 ns t chz clock to high-z [17, 18, 19] 2.6 2.8 3.0 3.4 ns t oev oe low to output valid 2.6 2.8 3.0 3.4 ns t oelz oe low to output low-z [17, 18, 19] 0 0 0 0 ns t oehz oe high to output high-z [17, 18, 19] 2.6 2.8 3.0 3.4 ns setup times t as address set-up before clk rise 1.2 1.4 1.4 1.5 ns t ads adsc , adsp set-up before clk rise 1.2 1.4 1.4 1.5 ns t advs adv set-up before clk rise 1.2 1.4 1.4 1.5 ns t wes gw , bwe , bw x set-up before clk rise 1.2 1.4 1.4 1.5 ns t ds data input set-up before clk rise 1.2 1.4 1.4 1.5 ns t ces chip enable set-up before clk rise 1.2 1.4 1.4 1.5 ns hold times t ah address hold after clk rise 0.3 0.4 0.4 0.5 ns t adh adsp , adsc hold after clk rise 0.3 0.4 0.4 0.5 ns t advh adv hold after clk rise 0.3 0.4 0.4 0.5 ns t weh gw , bwe , bw x hold after clk rise 0.3 0.4 0.4 0.5 ns t dh data input hold after clk rise 0.3 0.4 0.4 0.5 ns t ceh chip enable hold after clk rise 0.3 0.4 0.4 0.5 ns shaded areas contain advance information. notes: 16. this part has a voltage regulator internally; t power is the time that the power needs to be supplied above v dd ( minimum) initially before a read or write operation can be initiated. 17. t chz , t clz ,t oelz , and t oehz are specified with ac test conditions shown in part (b) of ac test loads. transition is measured 200 mv from steady-state vo ltage. 18. at any given voltage and temperature, t oehz is less than t oelz and t chz is less than t clz to eliminate bus contention betw een srams when sharing the same data bus. these specifications do not imply a bus contention condi tion, but reflect parameters guaranteed over worst case user conditions. device is designed to achieve high-z prior to low-z under the same system conditions 19. this parameter is sampled and not 100% tested. 20. timing reference level is 1.5v when v ddq = 3.3v and is 1.25v when v ddq = 2.5v. 21. test conditions shown in (a) of ac test loads unless otherwise noted.
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 26 of 34 switching waveforms read cycle timing [22] notes: 22. on this diagram, when ce is low: ce 1 is low, ce 2 is high and ce 3 is low. when ce is high: ce 1 is high or ce 2 is low or ce 3 is high. 23. full width write can be initiated by either gw low; or by gw high, bwe low and bw x low. t cyc t cl clk adsp t adh t ads address t ch oe adsc ce t ah t as a1 t ceh t ces gw, bwe,bw data out (dq) high-z t doh t co adv t oehz t co single read burst read t oev t oelz t chz burst wraps around to its initial state t advh t advs t weh t wes t adh t ads q(a2) q(a2 + 1) q(a2 + 2) q(a1) q(a2) q(a2 + 1) q(a3) q(a2 + 3) a2 a3 deselect cycle burst continued with new base address adv suspends burst don?t care undefined x clz t
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 27 of 34 write cycle timing [22, 23] switching waveforms (continued) t cyc t cl clk adsp t adh t ads address t ch oe adsc ce t ah t as a1 t ceh t ces bwe, bw x adv burst read burst write d(a2) d(a2 + 1) d(a2 + 1) d(a3) d(a3 + 1) d(a3 + 2) d(a2 + 3) a2 a3 extended burst write d(a2 + 2) single write t adh t ads t adh t ads t oehz t advh t advs t weh t wes t dh t ds gw t weh t wes byte write signals are ignored for first cycle when adsp initiates burst adsc extends burst adv suspends burst don?t care undefined d(a1) high-z data in (d) data out (q)
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 28 of 34 read/write cycle timing [22, 24, 25] note: 24. the data bus (q) remains in high-z following a writ e cycle, unless a new read access is initiated by adsp or adsc . 25. gw is high. switching waveforms (continued) t cyc t cl clk adsp t adh t ads address t ch oe adsc ce t ah t as a2 t ceh t ces d ata out (q) high-z adv single write d(a3) a4 a5 a6 d(a5) d(a6) data in (d) burst read back-to-back reads high-z q(a2) q(a1) q(a4) q(a4+1) q(a4+2) t weh t wes q(a4+3) t oehz t dh t ds t oelz t clz t co back-to-back writes a1 bwe, bw x a3 don?t care undefined
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 29 of 34 26. device must be deselected when entering zz mode. see cycle descr iptions table for all possible signal conditions to deselect the device. 27. dqs are in high-z when exiting zz sleep mode switching waveforms (continued) z z mode timing [26 , 27] t zz i supply clk zz t zzrec a ll inputs (except zz) don?t care i ddzz t zzi t rzzi outputs (q) high-z deselect or read only
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 30 of 34 ordering information speed (mhz) ordering code package name part and package type operating range 250 cy7c1386c-250ac cy7c1387c-250ac a101 100-lead thin quad flat pack (14 x 20 x 1.4mm) 3 chip enables commercial cy7c1386c-250bgc cy7c1387c-250bgc bg119 119-ball (14 x 22 x 2.4 mm) bga 2 chip enables with jtag cy7c1386c-250bzc cy7c1387c-250bzc bb165a 165-ball fine-pitch ball grid array (13 x 15 x 1.2mm) 3 chip enables with jtag 225 cy7c1386c-225ac a101 100-lead thin quad flat pack (14 x 20 x 1.4mm) 3 chip enables commercial cy7c1387c-225ac cy7c1386c-225ai cy7c1387c-225ai industrial cy7c1386c-225bgc bg119 119-ball (14 x 22 x 2.4 mm) bga 2 chip enables with jtag commercial cy7c1387c-225bgc cy7c1386c-225bgi industrial cy7c1387c-225bgi cy7c1386c-225bzc bb165a 165-ball fine-pitch ball grid array (13 x 15 x 1.2mm) 3 chip enables with jtag commercial cy7c1387c-225bzc cy7c1386c-225bzi industrial cy7c1387c-225bzi 200 cy7c1386c-200ac a101 100-lead thin quad flat pack (14 x 20 x 1.4mm) 3 chip enables commercial cy7c1387c-200ac cy7c1386c-200ai cy7c1387c-200ai industrial cy7c1386c-200bgc bg119 119-ball (14 x 22 x 2.4 mm) bga 2 chip enables with jtag commercial cy7c1387c-200bgc cy7c1386c-200bgi industrial cy7c1387c-200bgi cy7c1386c-200bzc bb165a 165-ball fine-pitch ball grid array (13 x 15 x 1.2mm) 3 chip enables with jtag commercial cy7c1387c-200bzc cy7c1386c-200bzi industrial cy7c1387c-200bzi 167 cy7c1386c-167ac cy7c1387c-167ac a101 100-lead thin quad flat pack (14 x 20 x 1.4mm) 3 chip enables commercial cy7c1386c-167ai industrial cy7c1387c-167ai cy7c1386c-167bgc bg119 119-ball (14 x 22 x 2.4 mm) bga 2 chip enables with jtag commercial cy7c1387c-167bgc cy7c1386c-167bg industrial icy7c1387c-167bgi cy7c1386c-167bzc bb165a 165-ball fine-pitch ball grid array (13 x 15 x 1.2mm) 3 chip enables with jtag commercial cy7c1387c-167bgc CY7C1386C-167BZI industrial cy7c1387c-167bgi shaded areas contain advance information. please contact your local sales representative for availability of these parts.
cy7c1386c document #: 38-05239 rev. *b page 31 of 34 ? cypress semiconductor corporation, 2004. the information contained herein is subject to change without notice. cypress semico nductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress semiconductor product. nor does it convey or imply any license unde r patent or other rights. cypress semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected t o result in significant injury to the user. the inclusion of cypress semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in do ing so indemnifies cypress semiconductor against all charges. package diagrams dimensions are in millimeters. 0.300.08 0.65 20.000.10 22.000.20 1.400.05 121 1.60 max. 0.05 min. 0.600.15 0 min. 0.25 0-7 (8x) stand-off r 0.08 min. typ. 0.20 max. 0.15 max. 0.20 max. r0.08min. 0.20 max. 14.000.10 16.000.20 0.10 see detail a detail a 1 100 30 31 50 51 80 81 gauge plane 1.00 ref. 0.20 min. seating plane 100-pin thin plastic quad flatpack (14 x 20 x 1.4 mm) a101 51-85050-*a
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 32 of 34 package diagrams (continued) 51-85115-*b 119-lead pbga (14 x 22 x 2.4 mm) bg119
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 33 of 34 package diagrams (continued) i486 is a trademark, and intel and pentium are registered trade marks of intel corporation. po werpc is a trademark of ibm corporation. all product and company names mentioned in this document are the trademarks of their respective holders. 165-ball fbga (13 x 15 x 1.2 mm) bb165a 51-85122-*c
cy7c1386c cy7c1387c document #: 38-05239 rev. *b page 34 of 34 document history page document title: cy7c1386c/cy7c1387c 18-mb (5 12k x 36/1m x 18) pipelined dcd sync sram document number: 38-05239 rev. ecn no. issue date orig. of change description of change ** 116279 08/29/02 skx new data sheet *a 121542 11/21/02 dsg updated package drawin gs 51-85115 (bg 119) to *b and 51-85122 (bb165a) to *c. *b 206081 see ecn rkf final datasheet


▲Up To Search▲   

 
Price & Availability of CY7C1386C-167BZI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X